Part Number Hot Search : 
SG86A SG86A V940ME03 09500M19 RSS070 XBXXX 80500 TCR2DG30
Product Description
Full Text Search
 

To Download DBW24S5-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DBW Series
Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
FEATURES
High Efficiency up to 88% RoHS Directive Compliant Fixed Switching Frequency Six-Sided Continuous Shield 40 Watts Maximum Output power Single and Dual Outputs Available 4:1 Ultra Wide Input Voltage Range Standard 2.02" x 2.02" x 0.4" Package
UL TUV CB CE MARK
SPECIFICATIONS: DBW Series
All specifications apply @ 25C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 24V nominal input ........................ 9 - 36VDC 48V nominal input ...................... 18 - 75VDC Under Voltage Lockout 24V nominal input........... DC-DC ON ..........................................9 VDC DC-DC OFF ........................................8 VDC 48V nominal input........... DC-DC ON ........................................18 VDC DC-DC OFF ......................................16 VDC Input Filter ....................................................................................... Pi Type Input Voltage Variation......... dv/dt ............................................ 5V/ms max (Complies with ETS300 132 part 4.4) Input Surge Voltage (100ms max) ............... 24V input ...................50VDC 48V input .................100VDC Input Reflected Ripple Current (nominal Vin and FL) ...................20mAp-p Start Up Time (nominal Vin and constant resistive load) Power Up..............................................................................20ms max. Remote ON/OFF ..................................................................20ms max. Remote ON/OFF (See Note 4) Positive Logic ................ DC-DC ON ................Open or 3V < Vr < 12V DC-DC OFF .............Short or 0V < Vr < 1.2V Negative Logic ............... DC-DC ON ...............Short or 0V < Vr < 1.2V DC-DC OFF ..............Open or 3V < Vr < 12V Remote Off Input Current (nominal Vin) ..............................................3mA
PROTECTION SPECIFICATIONS
Over Voltage Protection ................................... 3.3V Output................. 3.9V (Zener diode clamp) 5V Output.................... 6.2V 12V Output................... 15V 15V Output................... 18V 12V Output............... 15V 15V Output............... 18V Over Load Protection (% of FL at nominal input) ....................... 150% max. Short Circuit Protection...................................... Hiccup, automatic recovery Over Temperature Protection .......................................................110C typ.
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table Switching Frequency .................................................................300KHz typ. Isolation Voltage (Input to Output)......................................... 1600VDC min. Isolation Voltage (Input/Output to Case) ............................... 1600VDC min. Case Grounding (connect case to -Vin with decoupling Y cap) ........... TBD Isolation Resistance ...............................................................10 ohms min. Isolation Capacitance ............................................................. 1500pF max.
9
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature ............. -40C to +55C (without derating) +55C to +105C (with derating) Storage Temperature .......................................................... -55C ~ +125C Maximum Case Temperature ........................................................... +105C Relative Humidity...................................................................5% to 95% RH Temperature Coefficient ................................................... 0.02% / C max. Thermal Impedance (See Note 6) Without Heat-Sink.............................................................. 9.2C / Watt With Heat-Sink..................................................................... 7.6C/Watt Thermal Shock .................................................................... MIL-STD-810D Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z MTBF (See Note 5) ........Bellcore TR-NWT-000332............ 1.105 x 10 hrs 5 MIL-STD-217F ............................. 1.511 x 10 hrs
6
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table Voltage Accuracy (nom Vin and full load) ........................................... 1% Voltage Adjustability (See Note 1) ..................................................... 10% Output Current ..............................................................................see table Output Power ........................................................................ 40 watts max. Line Regulation (LL to HL at FL)....................................................... 0.2% Load Regulation (See Note 2) ..................... Single Output............. 0.5% (min. load to 100% load) Dual Output ................... 1% Load Cross Regulation (See Note 3) ........... Dual Output ................... 5% Minimum Load (See Note 8) .........................................................see table Ripple/Noise (See Note 9) ............................................................see table Transient Response Recovery Time..................................................250us (25% load step change)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
DBW Series
Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
SPECIFICATIONS (CONTINUED)
All specifications apply @ 25C ambient unless otherwise noted
PHYSICAL SPECIFICATIONS
Weight .................................................................................... 60g (2.11 oz) Dimensions ................. 2.02 x 2.02 x 0.40 inches (51.3 x 51.3 x 10.2 mm) Case Material ............................................................ Nickel-coated copper Base Material .................................................... Non-conductive black FR4 Potting material ................................................................Epoxy (UL94-V0) Shielding .................................................................................... six - sided
SAFETY & EMC (See Note 7)
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1 Conducted Emissions................. EN55022 ...................................... Class A Radiated Emissions.................... EN55022 ...................................... Class A ESD ............................................ EN61000-4-2.....................Perf. Criteria B Radiated Immunity...................... EN61000-4-3..................... Perf. Criteria A Fast Transient............................. EN61000-4-4.....................Perf. Criteria B Surge .......................................... EN61000-4-5.....................Perf. Criteria B Conducted Immunity................... EN61000-4-6.................... Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number DBW24S3.3-33 DBW24S5-40 DBW24S12-40 DBW24S15-40 DBW24D12-40 DBW24D15-40 DBW48S3.3-33 DBW48S5-40 DBW48S12-40 DBW48S15-40 DBW48D12-40 DBW48D15-40 Input Range Output Voltage
24VDC (9 - 36 VDC)
48VDC (18 - 75 VDC)
3.3 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 12 VDC 15 VDC
Output Current (8) Min. Load Full Load 0mA 10,000mA
Output Ripple & Noise 50mVp-p 50mVp-p 75mVp-p 75mVp-p 120mVp-p
(9)
Input Current (10) (11) No load Full Load 80mA 1677mA
Eff.
(12)
Max Capacitive (13) Load 25,750F 13,600F 2360F 1510F 1200F 750F 25,750F 13,600F 2360F 1510F 1200F 750F
86%
0mA 0mA 0mA 65mA 50mA
0mA
8000mA 3333mA 2666mA 1667mA 1333mA
10,000mA
150mVp-p
50mVp-p 50mVp-p 75mVp-p 75mVp-p 120mVp-p
100mA 100mA 110mA 30mA 30mA
50mA
1984mA 1984mA 1984mA 1984mA 1984mA
838mA
88% 88% 88% 88% 88%
86%
0mA 0mA 0mA 65mA 60mA
8000mA 3333mA 2666mA 1667mA 1333mA
150mVp-p
50mA 70mA 70mA 20mA 20mA
992mA 992mA 992mA 992mA 992mA
88% 88% 88% 88% 88%
NOTES
1. For single output: Maximum output deviation is 10% inclusive of remote sense and trim. If remote sense is not being used, the +sense should be connected to its corresponding +OUTPUT and likewise the -sense should be connected to its corresponding -OUTPUT. 2. Load regulation for dual output: Minimum load to 100% load balanced on all outputs. 3. Cross regulation for dual output: asymmetrical load 25% / 100% full load. 4. The ON/OFF control function: There are positive (standard) and negative logic (option). The pin voltage is referenced to negative input. To order negative logic ON/OFF control add the suffix "R" to the part number (Ex: DBW48S5-40R) 5. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment). MIL-STD-217F Notice2 @ Ta=25C, Full Load (Ground, Benign, controlled environment). 6. Heat sink is optional. Please call factory for ordering details. 7. The DBW series required an external filter to meet EN55022 class A. 8. The dual output required a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specifications. 9. Output ripple & noise measured with a 0.1F/50V MLCC. 10. Typical Value at nominal input voltage. 11. Maximum value at nominal input voltage and full load 12. Typical Value at nominal input voltage and full load. 13. Test by minimum Vin and constant resistive load.
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
DBW Series
Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DERATING CURVES & EFFICIENCY GRAPHS
MECHANICAL DRAWING
PIN CONNECTION
PIN 1 2 3 4 5 6 7 8 SINGLE +Input -Input CTRL -Sense +Sense +Output -Output Trim DUAL +Input -Input CTRL +Output COM COM -Output Trim
EXTERNAL OUTPUT TRIMMING Output can be externally trimmed by using the method shown below. ( ) for dual output trim
1. All dimensions in inches (mm) Tolerance: X.XX0.02 (X.X0.5) 2. Pin pitch tolerance 0.014 (0.35)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of DBW24S5-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X